|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
G4SB60 THRU G4SB80 SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 600 to 800V 4.0A Current: Features Glass passivated chip junction Ideal for printed circuit board High surge current capability High case dielectric strength GSIB-3S Mechanical Data Terminal: Plated leads solderable per MIL-STD 202E, Method 208C Case: UL-94 Class V-0 recognized Flame Retardant Epoxy Polarity: Polarity symbol marked on body Mounting position: any Dimensions in millimeters MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (single-phase, half -wave, 60HZ, resistive or inductive load rating at 25C, unless otherwise stated) Symbol Maximum repetitive peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forward Rectified output current at Tc = 108 with heatsink Peak forward surge current single sine-wave superimposed on rated load (JEDEC Method) Maximum instantaneous forward voltage drop per leg at 2.0A Rating for fusing (t < 10ms) Maximum DC reverse current at rated DC blocking voltage per leg Maximum thermal resistance per leg Ta = 25 C Ta = 125 C (Note1) (Note2) Vrrm Vrms Vdc If(av) Ifsm Vf I2t Ir Rth(ja) Rth(jc) Tj, Tstg G4SB60 600 420 600 4.0 160 0.95 80 10.0 250 30.0 5.5 -55 to +150 G4SB80 800 560 800 units V V V A A V 110 A2Sec A /W Operating junction and storage temperature range Note: 1. junction to ambient, without heatsink 2. junction to case, with heatsink Rev.A1 www.gulfsemi.com RATINGS AND CHARACTERISTIC CURVES G4SB60 THRU G4SB80 Rev.A1 www.gulfsemi.com |
Price & Availability of G4SB60 |